データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2421 データシート(PDF) 3 Page - STMicroelectronics

部品番号 AN2421
部品情報  Using the STMPE801 as a keypad controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2421 データシート(HTML) 3 Page - STMicroelectronics

  AN2421 Datasheet HTML 1Page - STMicroelectronics AN2421 Datasheet HTML 2Page - STMicroelectronics AN2421 Datasheet HTML 3Page - STMicroelectronics AN2421 Datasheet HTML 4Page - STMicroelectronics AN2421 Datasheet HTML 5Page - STMicroelectronics AN2421 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AN2421
Design objectives
3/6
1
Design objectives
The keyboard controller presented in this application note complies with the following design
objectives:
Implementation of an 8*8 keypad controller using 8 GPIOs from the Baseband and 8
GPIOs from the STMPE801
Requires no external interrupts
Minimum traffic on the I2C bus
Ability to support hot-key (wake-up from suspend) features
2
Keypad scanning operation
The rows (X-n) are used as inputs and are pulled up to VCC using a weak pull-up resistor
(47kOhm). The columns (Y-n) are used as outputs and are normally driven to VCC. An X-Y
matrix keypad works in the following sequence:
1.
Y-0 is driven to GND.
2.
KPC Software scans X-0 to X-n. A "LOW" indicates that key Y-0, X-n is pressed.
3.
Y-0 is driven to VCC. Scanning of column 1 completes.
4.
Proceed to scanning of column Y+1.
To minimize I2C traffic between the baseband and the STMPE801, the GPIOs in baseband
(BB_GPIO) are used as inputs and the STMPE801 GPIOs (801_GPIO) are used as
outputs. This enables KPC Software to operate without causing the STMPE801 to return
interrupts. There is no reading operation from the STMPE801.



Html Pages

1 2 3 4 5 6