データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2421 データシート(PDF) 4 Page - STMicroelectronics

部品番号 AN2421
部品情報  Using the STMPE801 as a keypad controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2421 データシート(HTML) 4 Page - STMicroelectronics

  AN2421 Datasheet HTML 1Page - STMicroelectronics AN2421 Datasheet HTML 2Page - STMicroelectronics AN2421 Datasheet HTML 3Page - STMicroelectronics AN2421 Datasheet HTML 4Page - STMicroelectronics AN2421 Datasheet HTML 5Page - STMicroelectronics AN2421 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Pseudo-Code of the KPC software
AN2421
4/6
3
Pseudo-Code of the KPC software
DEFINITIONS
BB_GPIO_n
801_GPIO_n
Max_X = 8
Max_Y=8
INITIALIZATION
Set BB_GPIO as inputs
Set 801_GPIO as outputs
Set 801_GPIO to output 0xFF
VARIABLES
XCount=0
YCount=0
LOOP
YCount=0
LOOP
<I2C Transaction> Set 801_GPIO to output ( ~(YCount<<0x01) )
READ BB_GPIO (and interpret keypress)
YCount++
END LOOP IF YCount = Max_Y
WRITE_KEYS_TO_BUFFER
END LOOP



Html Pages

1 2 3 4 5 6