| データシートサーチシステム |
|
UM0715 データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0715 データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 24 page ![]() UM0715 Basic command Doc ID 15798 Rev 2 13/24 ON_CAN_RX When a CAN message is received will be called a subroutine at the line number indicated in the parameter line_number. The code returns to the normal statement (after the ON_CAN_RX command) when a RETURN is encountered. Parameter ID contain the CAN ID. LENGTH contain the data buffer length. MSG contain the CAN data. LINE_NUMBER contain the line number where jumping . Usage ON_CAN_RX ID length msg line_number 10 LET id=0 15 LET length=0 20 DIM msg(8) 30 PRINT id 40 FOR I=1 TO length STEP 1 50 PRINT msg(I) 60 RETURN … 200 ON_CAN_RX id length msg 30 DELAY Allow to insert a delay. The parameter indicates the delay in us (Max value is 4294 sec.). Usage DELAY time 10 DELAY 100 Table 1. Basic commands (continued) Name Remarks |