データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0715 データシート(PDF) 17 Page - STMicroelectronics

部品番号 UM0715
部品情報  SPC563MPrimerBasic
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0715 データシート(HTML) 17 Page - STMicroelectronics

Back Button UM0715 Datasheet HTML 13Page - STMicroelectronics UM0715 Datasheet HTML 14Page - STMicroelectronics UM0715 Datasheet HTML 15Page - STMicroelectronics UM0715 Datasheet HTML 16Page - STMicroelectronics UM0715 Datasheet HTML 17Page - STMicroelectronics UM0715 Datasheet HTML 18Page - STMicroelectronics UM0715 Datasheet HTML 19Page - STMicroelectronics UM0715 Datasheet HTML 20Page - STMicroelectronics UM0715 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
UM0715
Expression
Doc ID 15798 Rev 2
17/24
5
Expression
5.1
Expressions
5.1.1
Precedence
The + and - operators have lower precedence than *, / and MOD (modulus), which have
equal precedence and are evaluated left to right. ! (factorial) has the highest precedence.
Example:
(x + y) * 2
add x to y and multiply by two.
5.2
String expressions
All strings are stored internally in ASCII format, as NUL terminated arrays. Use of extremely
large strings is likely to slow down the program, since most operations involve internal
copying of strings.
A string literal consists of one or more concatenated quotes. A string can be spread over
several lines, but the newline character is not allowed inside quotes. To enclose a quotation
mark in astring, use double quotes.
10 LET A$ = ?And God said ??Let there be light?? ?
?and there was light.? ?And God saw the light, that it was good.?
is an example of a legal string. Note that the start of the second line contains white space at
the beginning to tell the interpreter it is a continuation of the previous line.
Table 2.
Expression
Expression
Symbol
+Sum.
-
Subtraction.
*
Multiplication.
/
Division.
MOD
MOD calculates the modulus of a number. Both sides of the expression
should be of the same sign. x MOD 0 is an error. Division by zero is
also an error.
!
Factorial.
POW(x,y)
XY
POW( x + y, 2)
raise x + y to the power 2.
INT(X)
Force an expression to be the nearest exact integer.
LEN($A)
Return the length of the string A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24