データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1556 データシート(PDF) 5 Page - STMicroelectronics

部品番号 UM1556
部品情報  VIPower M0-5 and M0-5Enhanced
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1556 データシート(HTML) 5 Page - STMicroelectronics

  UM1556 Datasheet HTML 1Page - STMicroelectronics UM1556 Datasheet HTML 2Page - STMicroelectronics UM1556 Datasheet HTML 3Page - STMicroelectronics UM1556 Datasheet HTML 4Page - STMicroelectronics UM1556 Datasheet HTML 5Page - STMicroelectronics UM1556 Datasheet HTML 6Page - STMicroelectronics UM1556 Datasheet HTML 7Page - STMicroelectronics UM1556 Datasheet HTML 8Page - STMicroelectronics UM1556 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
UM1556
List of figures
Doc ID 023520 Rev 2
5/87
List of figures
Figure 1.
Monolithic digital HSD - application schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 2.
Monolithic analogue HSD - application schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
Hybrid analogue HSD – application schematic. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
Voltage levels during reverse battery – resistor protection . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 5.
Logical levels check . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 6.
Voltage levels during reverse battery using diode-resistor protection network. . . . . . . . . . 12
Figure 7.
Positive ISO pulse . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 8.
Negative ISO pulse . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 9.
Voltage levels during reverse battery – MOSFET protection . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 10.
Hybrid HSD - reverse battery protection with self switch-on of the MOSFET. . . . . . . . . . . 16
Figure 11.
Example - Self switch-on of MOSFET eliminated by Dgnd. . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 12.
ISO-pulse transfer to I/O pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 13.
Open load/short to Vcc condition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 14.
Open load/short to Vcc condition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 15.
M0-5 – “Soft” short to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 16.
M0-5 – “Hard” short to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 17.
M0-5Enhanced – “Soft” short to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 18.
M0-5Enhanced – “Hard” short to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 19.
M0-5 – “Soft” short to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 20.
M0-5 – “Hard” short to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 21.
M0-5Enhanced – “Soft” short to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 22.
M0-5Enhanced – “Hard” short to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 23.
System reaction time comparison. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 24.
M0-5 High Side Driver with analogue current sense – block diagram . . . . . . . . . . . . . . . . 23
Figure 25.
M0-5 current sense simplified block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 26.
VSENSE vs IOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 27.
VSENSE vs VOUT @ IOUT=ILIMH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 28.
Current sense resistor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 29.
Switchable current sense resistor – example . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 30.
VSENSE measurement. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 31.
VND5012A current sense voltage behavior – hard short to GND occurred (20 m
Ω), thermal
shutdown was reached 344 ms after short-circuit to GND . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 32.
Analogue HSD – Circuit for open load detection in off-state . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 33.
Analogue HSD – Open load detection in off-state (M0-5Enhanced) . . . . . . . . . . . . . . . . . 36
Figure 34.
Digital HSD diagnostics – timing overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 35.
Inductive load – HSD turn-on phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 36.
Inductive load – turn-on example: VNQ5E050AK, L=260 mH, R=81
Ω . . . . . . . . . . . . . . . 40
Figure 37.
Inductive load – HSD turn-off phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 38.
Inductive load – turn off example: VNQ5E050AK, L=260 mH, R=81
Ω . . . . . . . . . . . . . . . 43
Figure 39.
Maximum turn-off current versus inductance – VND5E160AJ datasheet. . . . . . . . . . . . . . 46
Figure 40.
Maximum demagnetization energy – VND5E160A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Figure 41.
Demagnetization energy measurement – VND5E160AJ, relay 260 mH . . . . . . . . . . . . . . 47
Figure 42.
External clamping - transil and diode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Figure 43.
Transil – V/A characteristic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Figure 44.
Peak pulse power vs pulse time (for transil 600 W@10/1000 µs series) . . . . . . . . . . . . . . 54
Figure 45.
Equivalent pulses giving the same power dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Figure 46.
Maximum peak power as a function of initial temperature of the transil . . . . . . . . . . . . . . . 54
Figure 47.
Maximum turn-off current versus inductance – VN5E025AJ datasheet . . . . . . . . . . . . . . . 57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com