| データシートサーチシステム |
|
UM1618 データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1618 データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 51 page ![]() DocID024371 Rev 3 23/51 UM1618 API specification 50 Prototype UINT32 ProgramVerify (PSSD_CONFIG pSSDConfig, UINT32 dest, UINT32 size, UINT32 source, UINT32 *pFailedAddress, UINT32 *pFailedData, UINT32 *pFailedSource, PCONTEXT_DATA pCtxData); Arguments Return values Table 27. Arguments for ProgramVerify Argument Description Range pSSDConfig Pointer to the SSD Configuration Structure. The values in this structure are chip- dependent. Please refer to Section 2.3 for more details. dest Destination address to be verified in Flash memory. Any accessible address aligned on word boundary in main array or UTest block. size Size, in byte, of the Flash region to verify. If size = 0, C55_OK is returned. It must be word aligned and its combination with dest should fall within main array or UTest block. source Verify source buffer address. This address must reside on word boundary. pFailedAddress Return first failing address in Flash. Only valid when the function returns C55_ERROR_VERIFY. pFailedData Returns first mismatch data in Flash. Only valid when this function returns C55_ERROR_VERIFY. pFailedSource Returns first mismatch data in buffer. Only valid when this function returns C55_ERROR_VERIFY. pCtxData Address of context data structure. A data structure for storing context variables Table 28. Return values for ProgramVerify Type Description Possible values UINT32 Successful completion or error value. C55_OK C55_ERROR_ALIGNMENTC55_ERROR_VERIFY |