| データシートサーチシステム |
|
UM1618 データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1618 データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 51 page ![]() DocID024371 Rev 3 31/51 UM1618 API specification 50 Prototype UINT32 FlashResume (PSSD_CONFIG pSSDConfig, UINT8* resumeState); Arguments Return values Troubleshooting None. Comments This function resumes one operation if there is any operation is suspended. For instance, if a program operation is in suspended state, it is resumed. If an erase operation is in suspended state, it is resumed too. If an erase-suspended program operation is in suspended state, the program operation is resumed prior to resuming the erase operation. Following table defines and describes various resume states and associated resume codes. Assumptions It assumes that the Flash block is initialized using a ‘FlashInit’ API. Table 40. Arguments for FlashResume Argument Description Range pSSDConfig Pointer to the SSD Configuration Structure. The values in this structure are chip- dependent. Please refer to Section 2.3 for more details. resumeState Indicate the resume state of C55 module after the function being called. All state values are listed in Table 42 Table 41. Return values for FlashResume Type Description Possible values UINT32 Successful completion of this function. C55_OK Table 42. Resume state definitions Code Name Value Description C55_RES_NOTHING 20 No program/erase operation to be resumed C55_RES_PGM 21 A program operation is resumed C55_RES_ERS 22 A erase operation is resumed C55_RES_ERS_PGM 23 A suspended erase-suspended program operation is resumed |