データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2640 データシート(PDF) 23 Page - STMicroelectronics

部品番号 AN2640
部品情報  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 データシート(HTML) 23 Page - STMicroelectronics

Back Button AN2640 Datasheet HTML 19Page - STMicroelectronics AN2640 Datasheet HTML 20Page - STMicroelectronics AN2640 Datasheet HTML 21Page - STMicroelectronics AN2640 Datasheet HTML 22Page - STMicroelectronics AN2640 Datasheet HTML 23Page - STMicroelectronics AN2640 Datasheet HTML 24Page - STMicroelectronics AN2640 Datasheet HTML 25Page - STMicroelectronics AN2640 Datasheet HTML 26Page - STMicroelectronics AN2640 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
AN2640
Recognition technique
23/36
5.1
Code implementation on microcontroller
Figure 23.
Ballast operation sequence flowchart
Start
Oscillator Init
Port Init
Analog Comparator Init
ADC Init
Lite Timer Init
Auto Reload Timer Init
PFC Init
Is the lamp
connected?
Clear previous error information
Yes
No
Enable Interrupts
V
IN Recognize
Lamp Detection
Ballast Control
PFC Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36