データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2640 データシート(PDF) 5 Page - STMicroelectronics

部品番号 AN2640
部品情報  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 データシート(HTML) 5 Page - STMicroelectronics

  AN2640 Datasheet HTML 1Page - STMicroelectronics AN2640 Datasheet HTML 2Page - STMicroelectronics AN2640 Datasheet HTML 3Page - STMicroelectronics AN2640 Datasheet HTML 4Page - STMicroelectronics AN2640 Datasheet HTML 5Page - STMicroelectronics AN2640 Datasheet HTML 6Page - STMicroelectronics AN2640 Datasheet HTML 7Page - STMicroelectronics AN2640 Datasheet HTML 8Page - STMicroelectronics AN2640 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AN2640
PFC section design criteria
5/36
1.2
Boost inductor
To define the PFC inductor several parameters are involved. The formula used to obtain the
inductance value is:
Equation 2
Where
●
fsw(min)= 35 kHz
●
Virms(min)= 185 V
●
Pi= Po/η
●
Po is the lamp power
●
ηis the estimated efficiency (0.9)
For multipower ballast the inductance calculation must be performed adopting the maximum
lamp power (85 W).
Using these parameters L = 1.95 mH.
An inductance value of 2 mH ± 5% is chosen.
The switching frequency of PFC power transistor can be obtained using the following
formula:
Equation 3
Notice that increasing the inductance value L decreases the PFC switching frequency.
1.3
PFC devices selection
The PFC is a step-up "Boost" regulator, therefore in normal operation the energy is fed from
the inductor to the load and then stored in the output capacitor
Figure 2.
The step-up "Boost" regulator
L
V
2
irms min
()
V
o
2V
irms min
()
⋅
–
()
⋅
2f
sw min
()
P
i
V
o
⋅⋅
⋅
-----------------------------------------------------------------------------------------------
=
f
sw
1
2LP
i
⋅⋅
--------------------------
V
2
irms
V
o
2V
irms
Θ
sin
⋅⋅
–
()
⋅
V
o
------------------------------------------------------------------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com