| データシートサーチシステム |
|
UM0934 データシート(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0934 データシート(HTML) 87 Page - STMicroelectronics |
|
87 / 113 page ![]() UM0934 Management information base (MIB) Doc ID 17389 Rev 2 87/113 6.5.31 00A4h (PRESLOT/ZC/TS/BIT and ZC_IN_D configuration) This parameter configures the operating functions of PRESLOT/ZC/TS/BIT output and ZC_IN_D pins. The confirm message of a CMD_ReadDBRequest returns the current values without changing them. The CMD_WriteDBRequest sets the corresponding operating functions and the confirm message returns the corresponding value. Read/write confirm data format: The same as request. Table 138. MIB object 00A1h: Write error data format Byte Returned value Error description 0 ERR_ILLEGAL_DATA_COMMAND Wrong number of data bytes or value out of available range ERR_PARAM_VAL_OUTOFRANGE At least one configuration value is out of the related available range Table 139. MIB object 00A4h: Write request data format Byte Label Description Available range Factory default 0 PRESLOT/ZC/TS/BIT and ZC_IN_D b0..b2: PRESLOT/ZC/TS/BIT • 0: PRESLOT • 1: ZC • 2: TS • 3: BIT • 4: TXP • 5: RXP • 6: TXRXP 0 .. 6 PRESLOT b3: ZC_IN_D • 0: ZC_IN_D_OFF • 1: ZC_IN_D_ON 0 .. 1 ZC_IN_D_OFF b4..b7: reserved 0 0 Table 140. MIB object 00A4h: Write error data format Byte Returned value Error description 0 ERR_ILLEGAL_DATA_COMMAND Wrong number of data bytes |