| データシートサーチシステム |
|
UM0934 データシート(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0934 データシート(HTML) 27 Page - STMicroelectronics |
|
27 / 113 page ![]() UM0934 MAC layer Doc ID 17389 Rev 2 27/113 Figure 11. MAC and PHY layer framing 4.5 Address management Each long MAC frame contains two address fields: ● source address (SA), identifying the station the frame has been transmitted from ● destination address (DA), identifying the station the frame has been transmitted to. Both SA and DA fields are 12 bits long. There are three types of destination addresses: ● individual address, used for point-to-point (unicast) communication ● group addresses, used for multipoint (multicast) ● broadcasting address. M_sdu Header Zero padding FCS Long MAC Frame 7 bytes 1...242 bytes variable 3 bytes PHY Layer Power-line medium Sub- frame 1 Sub- frame 1 PRE + SSD 4 bytes 38 bytes PHY Frame (P_pdu) Pause /Alarm 42 bytes 3 bytes TIMESLOT (i+1)-th Sub- frame 2 Sub- frame 2 PRE + SSD 4 bytes 38 bytes PHY Frame (P_pdu) Pause /Alarm 42 bytes 3 bytes Sub- frame 7 Sub- frame 7 PRE + SSD 4 bytes 38 bytes PHY Frame (P_pdu) Pause /Alarm 42 bytes 3 bytes TIMESLOT (i+2)-th TIMESLOT (i+7)-th from 1 up to 7 sub-frames according to M_sdu length MAC Layer Upper Layers M_Data.request (M_sdu, DA, IC, CC, DC) M_Data.indication (M_sdu, SA, DA, IC, CC, DC) M_pdu |