| データシートサーチシステム |
|
UPD17705GC データシート(PDF) 49 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17705GC データシート(HTML) 49 Page - NEC |
|
49 / 356 page ![]() 49 µPD17704, 17705, 17707, 17708, 17709 5.5 Bank Register (BANK) 5.5.1 Configuration of bank register Figure 5-5 shows the configuration of the bank register. As shown in the figure, the bank register consists of 4 bits of system register address 79H (BANK). Figure 5-5. Configuration of Bank Register 5.5.2 Function of bank register The bank register specifies a bank of the data memory. Table 5-1 shows the relationships between the value of the bank register and a bank of the data memory that is specified. Because the bank register is one of the system registers, its contents can be rewritten regardless of the bank currently specified. When manipulating a bank register, therefore, the status of the bank at that time is irrelevant. Table 5-1. Data Memory Bank Specification Note Do not set BANKs 6 through 14 in the µPD17704 and 17705, and BANKs 10 through 14 in the µPD17707 and 17708 because these banks are not provided. Caution The area to which the data memory is allocated differs depending on the model. For details, refer to Figure 4-2 Configuration of Data Memory. Address Name Symbol Bit Data Clock stop 79H Bank register (BANK) BANK 0 0 0 Retained b3 M S B b2 b1 b0 L S B Power-ON reset WDT&SP reset CE reset Bank Register (BANK) Bank of Data Memory b3 b2 b1 b0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 BANK0 BANK1 BANK2 BANK3 BANK4 BANK5 BANK6Note BANK7Note Bank Register (BANK) Bank of Data Memory b3 b2 b1 b0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 BANK8Note BANK9Note BANK10Note BANK11Note BANK12Note BANK13Note BANK14Note BANK15 |