| データシートサーチシステム |
|
UPD17705GC データシート(PDF) 21 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17705GC データシート(HTML) 21 Page - NEC |
|
21 / 356 page ![]() 21 µPD17704, 17705, 17707, 17708, 17709 1.3 Connections of Unused Pins It is recommended to connect unused pins as follows: Table 1-1. Connections of Unused Pins (1/2) Pin Name I/O Mode Recommended Connections of Unused Pins Port pin P0D3/AD3-P0D0/AD0 Input Individually connect to GND via resistorNote 1. P1C3/AD5 P1C2/AD4 P1C1/AMIFCNote 2 Set in port mode and individually connect to VDD or GND P1C0/FMIFCNote 2 via resistorNote 1. P1A3/INT4 Individually connect to GND via resistorNote 1. P1A2/INT3 P1A1 P1A0/TM0G P1B3 N-ch open-drain Set to low-level output by software and then open. P1B2/PWM2-P1B0/PWM0 output P0A3/SDA I/ONote 3 Set in general-purpose input port mode by software and P0A2/SCL individually connect to VDD or GND via resistorNote 1. P0A1/SCK0 P0A0/SO0 P0B3/SI0 P0B2/SCK1 P0B1/SO1 P0B0/SI1 P0C3-P0C0 P1D3 P1D2 P1D1/BEEP1 P1D0/BEEP0 P2A2 P2A1/FCG1 P2A0/FCG0 P2B3-P2B0 P2C3-P2C0 P2D2-P2D0 Notes 1. If a pin is externally pulled up (connected to VDD via resistor) or pulled down (connected to GND via resistor) with a high resistance, the pin almost enters a high-impedance state, increasing the current (through-current) consumption of the port. Generally, the resistance of a pull-up or pull- down resistor is several 10 k Ω, though it depends on the application circuit. 2. Do not set these pins as AMIFC and FMIFC pins; otherwise, the current consumption will increase. 3. The I/O ports are set in the general-purpose I/O port mode at power-ON reset, when reset by the RESET pin, or when reset due to overflow or underflow of the watchdog timer or the stack. |