| データシートサーチシステム |
|
L6207 データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6207 データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 53 page ![]() AN1762 APPLICATION NOTE 16/53 be bigger than tRCRISE for allowing a good current regulation by the PWM stage. Furthermore, the on time tON can not be smaller than the minimum on time tON(MIN). tRCRISE = 600 · COFF 3.11.1 Off-time Selection and minimum on-time (L6207 ONLY) Figure 16 also shows the lower limit for the on time tON for having a good PWM current regulation capacity. It has to be said that tON is always bigger than tON(MIN) because the device imposes this condition, but it can be smaller than tRCRISE - tDT. In this last case the device continues to work but the off time tOFF is not more con- stant. So, small COFF value gives more flexibility for the applications (allows smaller on time and, therefore, higher switching frequency), but, the smaller is the value for COFF, the more influential will be the noises on the circuit performance. Figure 16. Off-time selection and minimum on-time (L6207 ONLY). t ON t ON MIN () >1.5 µs (typ. value) = t ON t RCRISE t DT – > 0.1 1 10 100 1 10 100 1 . 10 3 1 . 10 4 Coff [nF] 0.1 1 10 100 1 10 100 Coff [nF] R = 20 k Ω R = 47 k Ω R = 100 k Ω |