データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0313 データシート(PDF) 21 Page - STMicroelectronics

部品番号 UM0313
部品情報  The EK302DL is an evaluation kit designed to provide the user with a complete
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0313 データシート(HTML) 21 Page - STMicroelectronics

Back Button UM0313 Datasheet HTML 17Page - STMicroelectronics UM0313 Datasheet HTML 18Page - STMicroelectronics UM0313 Datasheet HTML 19Page - STMicroelectronics UM0313 Datasheet HTML 20Page - STMicroelectronics UM0313 Datasheet HTML 21Page - STMicroelectronics UM0313 Datasheet HTML 22Page - STMicroelectronics UM0313 Datasheet HTML 23Page - STMicroelectronics UM0313 Datasheet HTML 24Page - STMicroelectronics UM0313 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
UM0313
Graphical User Interface
21/33
3.10
“Click” tab
The Click tab (Figure 19) is a tool to evaluate the “Click Recognition” function of the
LIS302DL MEMS sensor. This function allows the recognition of a “Single Click” and a
“Double Click” event and provides an interrupt when the event occurs.
Acceleration data (top section) and recognized click events (bottom section) are plotted in
real-time for each axis. On the bottom the level of the Interrupt is plotted . This tab provides
direct access to the registers (TAP_THSY_X, TAP_THSZ, TAP_DURATION,
TAP_LATENCY, TAP_WINDOW), allowing the user to fully configure the “Click Recognition”
function and the external interrupt lines.
Two buttons allow the user to set standard values for single and double click.
Figure 19.
Click tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33