データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2960 データシート(PDF) 9 Page - STMicroelectronics

部品番号 AN2960
部品情報  ultra compact linear accelerometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2960 データシート(HTML) 9 Page - STMicroelectronics

Back Button AN2960 Datasheet HTML 5Page - STMicroelectronics AN2960 Datasheet HTML 6Page - STMicroelectronics AN2960 Datasheet HTML 7Page - STMicroelectronics AN2960 Datasheet HTML 8Page - STMicroelectronics AN2960 Datasheet HTML 9Page - STMicroelectronics AN2960 Datasheet HTML 10Page - STMicroelectronics AN2960 Datasheet HTML 11Page - STMicroelectronics AN2960 Datasheet HTML 12Page - STMicroelectronics AN2960 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
AN2960
Absolute maximum ratings
Doc ID 15557 Rev 1
9/41
3
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. These are stress ratings only and functional operation of the device under
these conditions is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
Warning:This is an ESD sensitive device. Improper
handling can cause permanent damage to the part.
Warning:This is a mechanical shock-sensitive device,
improper handling can cause permanent damage to the
part.
Table 1.
Absolute maximum ratings
Symbol
Ratings
Maximum Value
Unit
Vdd
Supply voltage(1)
1.
Supply voltage on any pin should never exceed 6.0 V
-0.3 to 6
V
Vdd_IO
I/O pin supply voltage(1)
-0.3 to 6
V
Vin
Input voltage on any control pin
(CS, SCL/SPC, SDA/SDI/SDO, CK)
-0.3 to Vdd_IO +0.3
V
APOW
Acceleration (any axis, powered, Vdd=2.5V)
3000 g for 0.5 ms
10000 g for 0.1 ms
AUNP
Acceleration (any axis, unpowered)
3000 g for 0.5 ms
10000 g for 0.1 ms
TOP
Operating temperature range
-40 to +85
°C
TSTG
Storage temperature range
-40 to +125
°C
ESD
Electrostatic discharge protection
Class 1: 0 - 2 kV HBM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com