データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2960 データシート(PDF) 31 Page - STMicroelectronics

部品番号 AN2960
部品情報  ultra compact linear accelerometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2960 データシート(HTML) 31 Page - STMicroelectronics

Back Button AN2960 Datasheet HTML 27Page - STMicroelectronics AN2960 Datasheet HTML 28Page - STMicroelectronics AN2960 Datasheet HTML 29Page - STMicroelectronics AN2960 Datasheet HTML 30Page - STMicroelectronics AN2960 Datasheet HTML 31Page - STMicroelectronics AN2960 Datasheet HTML 32Page - STMicroelectronics AN2960 Datasheet HTML 33Page - STMicroelectronics AN2960 Datasheet HTML 34Page - STMicroelectronics AN2960 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
AN2960
Free-fall and wake-up registers
Doc ID 15557 Rev 1
31/41
8.9
FF_WU_DURATION_2 (37h)
Set the minimum duration of the free-fall, wake-up event that must be recognized by the
LIS331DL.
Refer to FF_WU_DURATION_1 for details.
D7
D6
D5
D4
D3
D2
D1
D0
D7, D0
Duration value. Default value: 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41