データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3093 データシート(PDF) 9 Page - STMicroelectronics

部品番号 AN3093
部品情報  ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3093 データシート(HTML) 9 Page - STMicroelectronics

Back Button AN3093 Datasheet HTML 5Page - STMicroelectronics AN3093 Datasheet HTML 6Page - STMicroelectronics AN3093 Datasheet HTML 7Page - STMicroelectronics AN3093 Datasheet HTML 8Page - STMicroelectronics AN3093 Datasheet HTML 9Page - STMicroelectronics AN3093 Datasheet HTML 10Page - STMicroelectronics AN3093 Datasheet HTML 11Page - STMicroelectronics AN3093 Datasheet HTML 12Page - STMicroelectronics AN3093 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AN3093
Test board: design and evaluation
Doc ID16539 Rev 1
9/29
Figure 5.
Electrical schematic
Figure 6.
Side view
Table 3.
ALTAIR05T-800 demonstration board: transformer characteristics
Name
Value
Manufacturer
Magnetica
Part number
1335.0032 rev. 1
Core
E16/5
Primary inductance
2.2 mH ± 15%
Air gap
0.18 mm
Leakage inductance
66 µH max.
Primary to secondary turn ratio
13.9 ± 5%
Primary to auxiliary turn ratio
5 ± 5%
Primary saturation current
0.4 AP max. (BSAT = 0.35 T)
Insulation primary to secondary
4 kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com