データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3290 データシート(PDF) 9 Page - STMicroelectronics

部品番号 AN3290
部品情報  Reference design for double output SMPS for power line
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3290 データシート(HTML) 9 Page - STMicroelectronics

Back Button AN3290 Datasheet HTML 5Page - STMicroelectronics AN3290 Datasheet HTML 6Page - STMicroelectronics AN3290 Datasheet HTML 7Page - STMicroelectronics AN3290 Datasheet HTML 8Page - STMicroelectronics AN3290 Datasheet HTML 9Page - STMicroelectronics AN3290 Datasheet HTML 10Page - STMicroelectronics AN3290 Datasheet HTML 11Page - STMicroelectronics AN3290 Datasheet HTML 12Page - STMicroelectronics AN3290 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
AN3290
Test board design and evaluation
Doc ID 18038 Rev 1
9/34
Note:
If not otherwise specified, all resistors are 5%, ¼ W.
C6
B32922C3224M
220 nF - X2
EPCOS
C7
2.2 nF - Y-CAP
C8
470 nF ceramic - 25 V
C10
4.7 nF ceramic - 25 V
C11
1 nF ceramic - 25 V
C12
3.3 μF - 35 V electrolytic
C13
ZLH series
100 μF - 16 V electrolytic
Rubycon
D1
STPS2150A
Power Schottky diode
STMicroelectronics
D2
P6KE200A
Transil
™
STMicroelectronics
D3
STTH1L06A
Ultra-fast high voltage diode
STMicroelectronics
D4
STPS1L30A
Power Schottky diode
STMicroelectronics
D5
BAT41
Small signal Schottky
STMicroelectronics
PD1
DF06S
Input bridge rectifier
L1
B82462G4472M
4.7 μH power inductor
EPCOS
L2
B82422H1105K
1 mH SMT inductor
EPCOS
IC1
ALTAIR04-900
Primary switching regulator
STMicroelectronics
Q1
LF33AB
3.3 V LDO voltage regulator
STMicroelectronics
CM
B82721K2701
CM Choke
EPCOS
744612101
Wurth
TF1
ECO2017SEO-X05V015
Flyback transformer
TDK
760-871-431
Wurth
NTC1
B57236S0160M
NTC inrush current limiter
EPCOS
RV1
B72214S0321K
320 V Varistor
EPCOS
F1
2 A fuse
Table 2.
ALTAIR04-900 power supply - bill of material (continued)
Reference
Part
Description
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com