データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3290 データシート(PDF) 5 Page - STMicroelectronics

部品番号 AN3290
部品情報  Reference design for double output SMPS for power line
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3290 データシート(HTML) 5 Page - STMicroelectronics

  AN3290 Datasheet HTML 1Page - STMicroelectronics AN3290 Datasheet HTML 2Page - STMicroelectronics AN3290 Datasheet HTML 3Page - STMicroelectronics AN3290 Datasheet HTML 4Page - STMicroelectronics AN3290 Datasheet HTML 5Page - STMicroelectronics AN3290 Datasheet HTML 6Page - STMicroelectronics AN3290 Datasheet HTML 7Page - STMicroelectronics AN3290 Datasheet HTML 8Page - STMicroelectronics AN3290 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
AN3290
Test board design and evaluation
Doc ID 18038 Rev 1
5/34
1
Test board design and evaluation
As a reference design, a 7.48 W nameplate output power SMPS has been specifically
designed and developed according to the specifications for a complete power line
communication based on ST7580 (by STMicroelectronics).
The power supply provides a 13 V output voltage to supply the power line modem (PLM)
and the analog circuitry, and a post-regulated 3.3 V to supply digital circuitry and an optional
external microcontroller.
Table 1 summarizes the electrical specifications of the power supply, Table 2 provides the
bill of material and Table 3 lists the transformer specifications. The electrical schematic is
shown in Figure 2 and the PCB layout in Figure 3 and 4.
The input stage, consists of an NTC (NTC1) which limits the inrush current produced by the
capacitor charging at plug-in and a varistor (RV1) that protects the power supply against
temporary line overvoltage transients. The input EMI filter is a classic Pi-filter, 1-cell for
common and differential mode noise. The clamping network (D2-D3) limits the peak of the
leakage inductance voltage spike at turn-off, assuring reliable operation of the ALTAIR04-
900.
The sense resistor R2 and the transformer primary-to-secondary turn ratio fix the maximum
output current limitation, whereas the voltage divider made up of R6, R7, and R8 is used to
set the output voltage setpoint, in order to ensure the desired output voltage regulation. The
network connected on the COMP pin is used to compensate the loop, ensuring the right
gain and phase margin to the system, whereas the voltage across the capacitor C10 is used
to fix the voltage level for the CC loop; the value of this capacitor is not critical and e few nF
are enough to ensure correct operation. The secondary side is provided by two output
voltages; a nameplate 13 V output voltage is directly used to supply the analog circuitry of
the PLM, whereas the lower voltage is achieved by a 3V3 LDO and is intended to supply the
digital parts.
Table 1.
ALTAIR04-900 power supply: electrical specification
Parameter
Note
Min.
Typ.
Max.
Unit
AC main input voltage
85
265
VAC
Mains frequency (fL)
50
60
Hz
Output voltage 1
Analog supply voltage
11.7
13
14.3
V
Output current 1
Rx mode
12
mA
Tx mode
35
550
mA
Output voltage 2
Digital supply voltage
3.3
V
Output current 2
No external microcontroller connection
40
50
mA
External microcontroller connection
100
mA
Total rated output power
7.48
W
Maximum output power
In TX mode
4.2
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com