データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3303 データシート(PDF) 11 Page - STMicroelectronics

部品番号 AN3303
部品情報  Secondary-side rectification for an LLC resonant converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3303 データシート(HTML) 11 Page - STMicroelectronics

Back Button AN3303 Datasheet HTML 7Page - STMicroelectronics AN3303 Datasheet HTML 8Page - STMicroelectronics AN3303 Datasheet HTML 9Page - STMicroelectronics AN3303 Datasheet HTML 10Page - STMicroelectronics AN3303 Datasheet HTML 11Page - STMicroelectronics AN3303 Datasheet HTML 12Page - STMicroelectronics AN3303 Datasheet HTML 13Page - STMicroelectronics AN3303 Datasheet HTML 14Page - STMicroelectronics AN3303 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
AN3303
SRK2000 main characteristics
Doc ID 18164 Rev 2
11/27
Figure 9.
Conduction time sensing during normal operation
Once in sleep mode, gate driving is re-enabled when body diode conduction time of both
MOSFETs exceeds 60 % of the half-cycle. Figure 10 shows details of time measuring for
sleep mode exiting.
Figure 10.
Conduction time sensing under sleep mode
Also in this case the decision is made considering the measurement on eight consecutive
switching cycles.
Furthermore, after each sleep mode entering/exiting transition, the timing is ignored for a
certain number of cycles, to let the resulting transient in the output current fade out; then the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27