| データシートサーチシステム |
|
AN3303 データシート(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3303 データシート(HTML) 17 Page - STMicroelectronics |
|
17 / 27 page ![]() AN3303 How to implement the board in the converter Doc ID 18164 Rev 2 17/27 4 How to implement the board in the converter The demonstration board is intended to implement synchronous rectification in an LLC resonant converter with center-tap secondary winding. If the converter implements diode rectification, rectifiers must be removed and the board must be connected as indicated in Figure 21. Connect the transformer center-tap to the converter output. Tie the other two secondary outputs respectively to pins 1, 2, 3 and to pins 11, 12, 13; bond pins 4, 5, 9, and 10 to secondary ground. The central pin 7 is for supplying the SRK2000 and can be connected to the converter output. Pins 6 and 8 are connected to the EN pin and can be used to inhibit the IC remotely. The board connector pin-out is perfectly symmetrical and, if necessary for mechanical issues, the board tie to the converter can be rotated by 180°. Figure 21. How to implement the board on an existing converter |