データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4159 データシート(PDF) 23 Page - STMicroelectronics

部品番号 AN4159
部品情報  Hardware and software guidelines for use of the LPS331AP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4159 データシート(HTML) 23 Page - STMicroelectronics

Back Button AN4159 Datasheet HTML 19Page - STMicroelectronics AN4159 Datasheet HTML 20Page - STMicroelectronics AN4159 Datasheet HTML 21Page - STMicroelectronics AN4159 Datasheet HTML 22Page - STMicroelectronics AN4159 Datasheet HTML 23Page - STMicroelectronics AN4159 Datasheet HTML 24Page - STMicroelectronics AN4159 Datasheet HTML 25Page - STMicroelectronics AN4159 Datasheet HTML 26Page - STMicroelectronics AN4159 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
AN4159
Software
Doc ID 023639 Rev 3
23/27
Case 10:
“Does the hole in the LPS331AP need to be covered for a post machine solder wash cycle?
Does ST ship the parts with taped coverings?”
●
No need to use any tape to cover the hole on CAP of LPS331AP during reflow. The
cleaning of the PCB is not general (it’s only cleaned when the PCB is contaminated
during reflow). The LPS331AP pressure sensor is not covered.
Case 11:
“What are the soldering and processing guidelines for the LPS331AP pressure sensor chip?
No wash?”
●
Please find reflow profile (Pb-free) IPC JEDEC standard here. There are no particular
processing guidelines for the pressure sensor. The key things to remember are:
–
To place the pressure sensor at the edge of the pcb where warping is minimal.
–
There should be no cleaning process performed on the pressure sensors
Figure 9.
High temperature lead-free soldering profile 260 °C max
Figure 10.
Example of solder machine profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27