データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4159 データシート(PDF) 5 Page - STMicroelectronics

部品番号 AN4159
部品情報  Hardware and software guidelines for use of the LPS331AP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4159 データシート(HTML) 5 Page - STMicroelectronics

  AN4159 Datasheet HTML 1Page - STMicroelectronics AN4159 Datasheet HTML 2Page - STMicroelectronics AN4159 Datasheet HTML 3Page - STMicroelectronics AN4159 Datasheet HTML 4Page - STMicroelectronics AN4159 Datasheet HTML 5Page - STMicroelectronics AN4159 Datasheet HTML 6Page - STMicroelectronics AN4159 Datasheet HTML 7Page - STMicroelectronics AN4159 Datasheet HTML 8Page - STMicroelectronics AN4159 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
AN4159
Pressure sensor demonstration boards
Doc ID 023639 Rev 3
5/27
The pinout of the adapter is fully compatible with all other available adapter boards, making
it possible to easily switch from one sensor to another during device evaluation without the
need for board redesign.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27