| データシートサーチシステム |
|
UM0971 データシート(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0971 データシート(HTML) 27 Page - STMicroelectronics |
|
27 / 45 page ![]() UM0971 STEVAL-IHM0031V1 hardware settings Doc ID 17701 Rev 1 27/45 4 STEVAL-IHM0031V1 hardware settings 4.1 Settings for six-step current control (block commutation) Six-step BLDC motor control requires one shunt resistor for sensing the motor current. Moreover, for detecting rotor position, the user can choose between sensored or sensorless techniques. In the first case, generally, Hall sensor signals are available from motor wires and they must be connected to the J3 connector on the board. Alternatively, sensorless rotor position detecting is performed by reading the back-EMF voltage of the floating motor phase during running time. The way this signal is processed depends on the sensorless technique the user wants to implement. In the following tables all the jumper configurations to drive BLDC motors in six-step configuration are detailed. Table 14. Single-shunt current reading - jumper configuration Jumper Position / selection J10 Not present J11 Between 2 and 3 J12 Not present J14 Not present J15 Present J16 Present J17 Not present Table 15. Sensored mode - jumper configuration (Hall sensors for rotor position detecting) Jumper Position / selection J2 Between 2 and 3 J5 Between 2 and 3 J8 Between 2 and 3 Table 16. Sensorless mode - jumper configuration (BEMF reading w/o amplification) Jumper Position / selection J1 Between 2 and 3 J4 Between 2 and 3 J7 Between 2 and 3 |