| データシートサーチシステム |
|
UM0971 データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0971 データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 45 page ![]() STEVAL-IHM0031V1 hardware settings UM0971 28/45 Doc ID 17701 Rev 1 4.2 Settings for three-shunt configuration and FOC control PMAC motors driven with field oriented control techniques need proper hardware configuration of the three-phase inverter power stage. In particular, currents flowing in the motor phases must be read through shunt resistors and their values must be amplified for control unit processing. Generally, the current conditioning network has a different topology than the one used in scalar control. Sensored and sensorless techniques for motor speed reading can also be used in FOC control. Table 19 shows the jumper settings according to the three-shunt current reading configuration. J2 Between 1 and 2 J5 Between 1 and 2 J8 Between 1 and 2 Table 17. Sensorless mode - jumper configuration (low BEMF reading w/o amplification) Jumper Position / selection J1 Between 1 and 2 J4 Between 1 and 2 J7 Between 1 and 2 J2 Between 1 and 2 J5 Between 1 and 2 J8 Between 1 and 2 Table 18. Virtual neutral point reconstruction - jumper configuration Jumper Position / selection J9 Between 1 and 2 - for three resistors reconstruction Between 2 and 3 - for DC bus voltage reconstruction J18 Between 1 and 2 Table 16. Sensorless mode - jumper configuration (BEMF reading w/o amplification) (continued) Jumper Position / selection |