| データシートサーチシステム |
|
KIA7820API データシート(PDF) 3 Page - KEC(Korea Electronics) |
|
|
|||||||||||||||||||||||||||||
KIA7820API データシート(HTML) 3 Page - KEC(Korea Electronics) |
|
3 / 20 page ![]() 2010. 5. 19 3/20 KIA7805AP~KIA7824AP Revision No : 1 KIA7805AP ELECTRICAL CHARACTERISTICS (VIN=10V, IOUT=500mA, 0 Tj 125 ) CHARACTERISTIC SYMBOL TEST CIRCUIT TEST CONDITION MIN. TYP. MAX. UNIT Output Voltage VOUT Fig. 1 Tj=25 , IOUT=100mA 4.8 5.0 5.2 V Input Regulation Reg line Fig. 1 Tj=25 7.0V VIN 25V - 3 100 mV 8.0V VIN 12V - 1 50 Load Regulation Reg load Fig. 1 Tj=25 5mA IOUT 1.5A - 15 100 mV 250mA IOUT 750mA - 5 50 Output Voltage VOUT Fig. 1 7.0V VIN 20V 4.75 - 5.25 V Quiescent Current IB Fig. 1 Tj=25 , IOUT=5mA - 4.2 8.0 mA Quiescent Current Change IB Fig. 1 7.0V VIN 25V - - 1.3 mA Output Noise Voltage VNO Fig. 2 Ta=25 , 10Hz f 100kHz - 50 - Vrms Ripple Rejection Ratio RR Fig. 3 f=120Hz, 8.0V VIN 18V, 62 78 - dB Dropout Voltage VD Fig. 1 IOUT=1.0A, Tj=25 - 2.0 - V Short Circuit Current Limit ISC Fig. 1 Tj=25 - 1.6 - A Average Temperature Coefficient of Output Voltage TCVO Fig. 1 IOUT=5mA, 0 Tj 125 - -0.6 - mV/ |