| データシートサーチシステム |
|
KIA7820API データシート(PDF) 4 Page - KEC(Korea Electronics) |
|
|
|||||||||||||||||||||||||||||
KIA7820API データシート(HTML) 4 Page - KEC(Korea Electronics) |
|
4 / 20 page ![]() 2010. 5. 19 4/20 KIA7805AP~KIA7824AP Revision No : 1 KIA7806AP ELECTRICAL CHARACTERISTICS (VIN=11V, IOUT=500mA, 0 Tj 125 ) CHARACTERISTIC SYMBOL TEST CIRCUIT TEST CONDITION MIN. TYP. MAX. UNIT Output Voltage VOUT Fig. 1 Tj=25 , IOUT=100mA 5.75 6.0 6.25 V Input Regulation Reg line Fig. 1 Tj=25 8.0V VIN 25V - 4 120 mV 9V VIN 13V - 2 60 Load Regulation Reg load Fig. 1 Tj=25 5mA IOUT 1.5A - 15 120 mV 250mA IOUT 750mA - 5 60 Output Voltage VOUT Fig. 1 8V VIN 21V 5.7 - 6.3 V Quiescent Current IB Fig. 1 Tj=25 , IOUT=5mA - 4.3 8.0 mA Quiescent Current Change IB Fig. 1 8V VIN 25V - - 1.3 mA Output Noise Voltage VNO Fig. 2 Ta=25 , 10Hz f 100kHz - 55 - Vrms Ripple Rejection Ratio RR Fig. 3 f=120Hz, 9V VIN 19V, 61 77 - dB Dropout Voltage VD Fig. 1 IOUT=1.0A, Tj=25 - 2.0 - V Short Circuit Current Limit ISC Fig. 1 Tj=25 - 1.5 - A Average Temperature Coefficient of Output Voltage TCVO Fig. 1 IOUT=5mA, 0 Tj 125 - -0.7 - mV/ |