| データシートサーチシステム |
|
UM1063 データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1063 データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 32 page ![]() I/O connectors and test points UM1063 12/32 DocID018573 Rev 2 TP4 Red Input voltage VDD TP5 Red Secondary winding output TP6 Red Output voltage at J5 TP7 Red Positive of auxiliary source AUX 2 on J1 TP8 Black Ground of auxiliary source AUX 2 on J1 TP9 Red Input of the primary side winding TP10 Red Secondary winding output TP11 Red VSS - I/F ground voltage TP12 Black Output voltage ground at J5 TP13 Red Gate drive of the secondary side MOSFET TP14 Red VC supply voltage TP15 Red Gate drive of the primary side MOSFET (connected to GAT1) TP16 Red Drain of the primary side MOSFET TP17 Red Gate drive of the active clamp MOSFET (connected to GAT2) TP18 Red Current sense input TP19 Black RTN - DC-DC ground voltage TP20 Red L1 status indicator - referred to output voltage ground TP21 Red Aux present indicator - referred to output voltage ground TP22 Red PoE voltage after the input diode bridges TP23 Black Ground of the PoE voltage after the input diode bridges TP24 Black Chassis ground of the RJ45 connectors Table 5. Test points (continued) Test point Color Description |