データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1063 データシート(PDF) 24 Page - STMicroelectronics

部品番号 UM1063
部品情報  The PM8803 is a highly integrated device embedding
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1063 データシート(HTML) 24 Page - STMicroelectronics

Back Button UM1063 Datasheet HTML 20Page - STMicroelectronics UM1063 Datasheet HTML 21Page - STMicroelectronics UM1063 Datasheet HTML 22Page - STMicroelectronics UM1063 Datasheet HTML 23Page - STMicroelectronics UM1063 Datasheet HTML 24Page - STMicroelectronics UM1063 Datasheet HTML 25Page - STMicroelectronics UM1063 Datasheet HTML 26Page - STMicroelectronics UM1063 Datasheet HTML 27Page - STMicroelectronics UM1063 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Test results
UM1063
24/32
DocID018573 Rev 2
Note, in this case, the presence of the 2-finger during the classification phase and theT2P
signal now asserted (T2P is valid low).
7.3.2
Transition from PoE to auxiliary and auxiliary to PoE
Figure 18 shows the behavior of the PM8803 when commuting sources. The image depicts
the transition from PoE to an auxiliary source whose voltage is ~10 V lower then PoE. It can
be seen that when the auxiliary voltage is applied (SA pin goes above its threshold) the
current drawn from the PoE drops to a few milliAmps. Smooth transition occurs as can be
seen from the output voltage (blue line).
Figure 18. Switching between PoE and auxiliary source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32