データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4213 データシート(PDF) 33 Page - STMicroelectronics

部品番号 AN4213
部品情報  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 データシート(HTML) 33 Page - STMicroelectronics

Back Button AN4213 Datasheet HTML 29Page - STMicroelectronics AN4213 Datasheet HTML 30Page - STMicroelectronics AN4213 Datasheet HTML 31Page - STMicroelectronics AN4213 Datasheet HTML 32Page - STMicroelectronics AN4213 Datasheet HTML 33Page - STMicroelectronics AN4213 Datasheet HTML 34Page - STMicroelectronics AN4213 Datasheet HTML 35Page - STMicroelectronics AN4213 Datasheet HTML 36Page - STMicroelectronics AN4213 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
DocID023984 Rev 2
33/42
AN4213
DC/AC converter waveforms
Figure 29. STL13N60M2 during turn-on in half-bridge section @230VAC (detail)
It’s clear that the device has good performance in the half-bridge section. In fact, the cross
during turn-off (see
Figure 28) is very low, resulting in low power dissipation.
AM17343v1
Vds
Id
Vgs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42