データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4213 データシート(PDF) 35 Page - STMicroelectronics

部品番号 AN4213
部品情報  Fluorescent lamps are increasingly driven by electronic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4213 データシート(HTML) 35 Page - STMicroelectronics

Back Button AN4213 Datasheet HTML 31Page - STMicroelectronics AN4213 Datasheet HTML 32Page - STMicroelectronics AN4213 Datasheet HTML 33Page - STMicroelectronics AN4213 Datasheet HTML 34Page - STMicroelectronics AN4213 Datasheet HTML 35Page - STMicroelectronics AN4213 Datasheet HTML 36Page - STMicroelectronics AN4213 Datasheet HTML 37Page - STMicroelectronics AN4213 Datasheet HTML 38Page - STMicroelectronics AN4213 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
DocID023984 Rev 2
35/42
AN4213
Conclusion
8
Conclusion
The proposed design of the electronic ballast has shown the capability of the demonstration
board to drive 2x58 W fluorescent lamps with very good electrical and thermal performance.
The choice of components and the optimization of the power devices guarantee the highest
PF and lowest THD.
The main purpose of this exercise was to evaluate the electrical and thermal features of the
PowerFLAT™ 5x6 compared to the DPAK package. The PowerFLAT™ 5x6 package
showed comparable thermal results. For both package options the temperature is fully
compliant with the absolute maximum rating limit in the datasheet specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42