データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN677 データシート(PDF) 10 Page - STMicroelectronics

部品番号 AN677
部品情報  Painless microcontroller code by graphical application description
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN677 データシート(HTML) 10 Page - STMicroelectronics

Back Button AN677 Datasheet HTML 6Page - STMicroelectronics AN677 Datasheet HTML 7Page - STMicroelectronics AN677 Datasheet HTML 8Page - STMicroelectronics AN677 Datasheet HTML 9Page - STMicroelectronics AN677 Datasheet HTML 10Page - STMicroelectronics AN677 Datasheet HTML 11Page - STMicroelectronics AN677 Datasheet HTML 12Page - STMicroelectronics AN677 Datasheet HTML 13Page - STMicroelectronics AN677 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
The description of the flow-chart is very intuitive thanks to the symbols provided in the library
for state machine description. As seen in Figure 7 there is a direct correspondence between
the flow-chart and the described state machine.
Figure 7: Sequencing Description By State Machine
The description of comparison features for the tolerance window, and the reference data
memorisation is done following the methodology of decomposition into basic functions already
used in the start-up version.
Eventually, the complete schematic is represented in Figure 8, where the addition of the
autozero process and the non linearization feature is easily distinguishable from the start-up
version. The modular description and development of the application are very easy to manage.
10/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14