データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN677 データシート(PDF) 5 Page - STMicroelectronics

部品番号 AN677
部品情報  Painless microcontroller code by graphical application description
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN677 データシート(HTML) 5 Page - STMicroelectronics

  AN677 Datasheet HTML 1Page - STMicroelectronics AN677 Datasheet HTML 2Page - STMicroelectronics AN677 Datasheet HTML 3Page - STMicroelectronics AN677 Datasheet HTML 4Page - STMicroelectronics AN677 Datasheet HTML 5Page - STMicroelectronics AN677 Datasheet HTML 6Page - STMicroelectronics AN677 Datasheet HTML 7Page - STMicroelectronics AN677 Datasheet HTML 8Page - STMicroelectronics AN677 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Figure 2: Simple Smart Sensor Graphical Description
2.2 Analysis / Code generation
After the schematics capture, an analysis of the graphical description must be launched with
the analyse menu. This process first checks the integrity of the description, verifies I/O
assignments and connectivity providing on-line information in the case of an error, guiding the
user in the development work.
If this first analysis step is successful, all the files related to the ST62 target are automatically
generated: The source file in macro-assembler language, the symbol table, the binary
executable code. The code generation uses a library of predefined macro-instructions
associated to the graphical symbols; thus the time needed from the graphical description to the
binary executable code is considerably reduced.
Finally a report file is provided with the Input/Output assignments and the used ROM and RAM.
This can help to choose the most suitable MCU for the application. In the present case the
report shows 27 RAM bytes and 434 ROM bytes are used, informing the developer about the
memory requirement for the MCU and the memory space available for further developments.
5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14