データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN1294 データシート(PDF) 9 Page - STMicroelectronics

部品番号 AN1294
部品情報  During the last years
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1294 データシート(HTML) 9 Page - STMicroelectronics

Back Button AN1294 Datasheet HTML 5Page - STMicroelectronics AN1294 Datasheet HTML 6Page - STMicroelectronics AN1294 Datasheet HTML 7Page - STMicroelectronics AN1294 Datasheet HTML 8Page - STMicroelectronics AN1294 Datasheet HTML 9Page - STMicroelectronics AN1294 Datasheet HTML 10Page - STMicroelectronics AN1294 Datasheet HTML 11Page - STMicroelectronics AN1294 Datasheet HTML 12Page - STMicroelectronics AN1294 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AN1294
LDMOS in PowerSO-10RF/typical RF performances
Doc ID 7604 Rev 3
9/20
4
LDMOS in PowerSO-10RF/typical RF performances
Today LDMOS transistors are used successfully in several digital applications such as
cellular base stations, HDTVs, TETRA applications, etc., and have already proven their
advantages when compared to bipolar transistors. Such advantages include:
●
higher power gain
●
more constant input impedance under varying drive levels
●
better IMD performances
●
easier biasing
●
gain control by varying the DC gate bias voltage
●
better thermal behavior
●
lower overall system costs
Moreover, LDMOS products in PowerSO-10RF display similar or better performances than
equivalent products in ceramic packages, such as power gain (similar) and thermal
resistance (~10% lower).
Figure 4.
PD57045S-E in PowerSO-10RF versus SD57045-01 in ceramic package
Figure 5.
Power gain versus output power/ceramic vs. plastic
-E
-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20