データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN1294 データシート(PDF) 5 Page - STMicroelectronics

部品番号 AN1294
部品情報  During the last years
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1294 データシート(HTML) 5 Page - STMicroelectronics

  AN1294 Datasheet HTML 1Page - STMicroelectronics AN1294 Datasheet HTML 2Page - STMicroelectronics AN1294 Datasheet HTML 3Page - STMicroelectronics AN1294 Datasheet HTML 4Page - STMicroelectronics AN1294 Datasheet HTML 5Page - STMicroelectronics AN1294 Datasheet HTML 6Page - STMicroelectronics AN1294 Datasheet HTML 7Page - STMicroelectronics AN1294 Datasheet HTML 8Page - STMicroelectronics AN1294 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AN1294
RF Power package requirements
Doc ID 7604 Rev 3
5/20
1
RF Power package requirements
The most important requirement in an RF power package is a good heat dissipation
capability. The package must be able to dissipate heat so that the die temperature remains
below a pre-defined maximum temperature, above which damage might occur. Other
important features of a good RF package include low inter-electrode capacitance, low
parasitic inductance, high electrical conductivity, reliability and low cost.
Figure 1.
LDMOS structure
In conventional DMOS or bipolar vertical technology, an electrical insulator (Beryllium oxide
or BeO, which is highly toxic), is required to isolate the drain from the ground. In an LDMOS
structure where both the N+ source and the drain region are on the die surface with a
laterally diffused low resistance P+ sinker connecting the source region to the P+ substrate
and source terminal (Figure 1: LDMOS structure on page 5), this insulator is no longer
needed. This not only means that electrical and thermal performances are greatly improved,
but also that the standard DMOS ceramic package (with BeO) used for 1 W and above
devices can be replaced by a plastic package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20