| データシートサーチシステム |
|
AN1464 データシート(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1464 データシート(HTML) 17 Page - STMicroelectronics |
|
17 / 27 page ![]() 17/27 LOW-COST DOUBLE LI-ION BATTERY CHARGER USING ST6255C/ST6265C MCU Figure 9. State Diagram (3) – Heat State Transitions 2.4.4 Slot Monitor Flowchart In the software, slot states are updated by a subroutine called “slot monitor”. Using a subrou- tine is possible because the front and rear slot state diagrams are almost identical. Slot state is stored in a one-byte variable, coded in a way that facilitates decoding the condi- tion tree: IDLE EQU 00000001b HEAT EQU 10100000b FAIL EQU 11000001b EXP EQU 11010001b SAT EQU 11011001b TRI EQU 11100001b FAST EQU 11110000b CV_D EQU 11111000b CI EQU 11111100b CV_U EQU 11111110b Decoding starts from the most significant bit. The least significant bit indicates front slot priority request (1 = no request). When the slot enters HEAT state, this bit is modified to be the same as in the original state. Bit b5 indicates if the slot is using the PWM (b5 = 1) or not (b5 =0). CI CV_D CV_U TRI FAIL HEAT IDLE no overheat Original state EXP Original state saved overheat SAT FAST |