データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN1464 データシート(PDF) 18 Page - STMicroelectronics

部品番号 AN1464
部品情報  LOW-COST DOUBLE LI-ION BATTERY CHARGER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1464 データシート(HTML) 18 Page - STMicroelectronics

Back Button AN1464 Datasheet HTML 14Page - STMicroelectronics AN1464 Datasheet HTML 15Page - STMicroelectronics AN1464 Datasheet HTML 16Page - STMicroelectronics AN1464 Datasheet HTML 17Page - STMicroelectronics AN1464 Datasheet HTML 18Page - STMicroelectronics AN1464 Datasheet HTML 19Page - STMicroelectronics AN1464 Datasheet HTML 20Page - STMicroelectronics AN1464 Datasheet HTML 21Page - STMicroelectronics AN1464 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
18/27
LOW-COST DOUBLE LI-ION BATTERY CHARGER USING ST6255C/ST6265C MCU
The flowchart, represented in Slot Monitor Flowchart (1), Slot Monitor Flowchart (2) and Slot
Monitor Flowchart (3), takes full advantage between transitions. For example, if the monitor
knows that slot state is either CI, CV_D or CV_U, it can check the expiration time before
switching to one of the three possibilities.
The order in which questions are asked (e.g. time before battery voltage) defines the priority
of the state transition.
On the flowcharts, b7, b6, etc. refer to the corresponding bit in the slot state variable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27