| データシートサーチシステム |
|
UPD64 データシート(PDF) 37 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD64 データシート(HTML) 37 Page - NEC |
|
37 / 68 page ![]() 37 µPD63, 63A, 64 ORL A, R0n ORL A, R1n <1> Instruction code : 1 110 R4 0R3 R2 R1R0 <2> Cycle count : 1 <3> Function : (A) ← (A) ∨ (Rmn) m = 0, 1 n = 0 to F CY ← 0 The accumulator contents and the register Rmn contents are ORed and the results are entered in the accumulator. ORL A, @R0H ORL A, @R0L <1> Instruction code : 1 110 0/1 1000 0 <2> Cycle count : 1 <3> Function : (A) ← (A) ∨ (P13), (R0))7-4 (in the case of ORL A, @R0H) (A) ← (A) ∨ (P13), (R0))3-0 (in the case of ORL A, @R0L) CY ← 0 The accumulator contents and the program memory contents specified with the control register P13 and register pair R10-R00 are ORed and the results are entered in the accumulator. If H is specified, b7, b6, b5 and b4 take effect. If L is specified, b3, b2, b1 and b0 take effect. ORL A, #data4 <1> Instruction code : 1 11011000 1 0 00000 d3 d2 d1 d0 <2> Cycle count : 1 <3> Function : (A) ← (A) ∨ data4 CY ← 0 The accumulator contents and the immediate data are exclusive-ORed and the results are entered in the accumulator. XRL A, R0n XRL A, R1n <1> Instruction code : 1 010 R4 0R3 R2 R1R0 <2> Cycle count : 1 <3> Function : (A) ← (A) ∨ (Rmn) m = 0, 1 n = 0 to F CY ← A3 • Rmn3 The accumulator contents and the register Rmn contents are ORed and the results are entered in the accumulator. |