データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD64 データシート(PDF) 12 Page - NEC

部品番号 UPD64
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD64 データシート(HTML) 12 Page - NEC

Back Button UPD64 Datasheet HTML 8Page - NEC UPD64 Datasheet HTML 9Page - NEC UPD64 Datasheet HTML 10Page - NEC UPD64 Datasheet HTML 11Page - NEC UPD64 Datasheet HTML 12Page - NEC UPD64 Datasheet HTML 13Page - NEC UPD64 Datasheet HTML 14Page - NEC UPD64 Datasheet HTML 15Page - NEC UPD64 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
12
µPD63, 63A, 64
2.8 Arithmetic and Logic Unit (ALU): 4 Bits
The arithmetic and logic unit (ALU), which refers to an arithmetic circuit consisting of 4 bits, executes simple
manipulations with priority given to logical operations.
2.9 Flags
2.9.1 Status flag (F)
Pin and timer statuses can be checked by executing the STTS instruction to check the status flag.
The status flag is set (to 1) in the following cases.
• If the condition specified with the operand is met when the STTS instruction has been executed
• When STANDBY mode is canceled.
• When the cancelation condition is met at the point of executing the HALT instruction. (In this case, the system
is not placed in STANDBY mode.)
Conversely, the status flag is cleared (to 0) in the following cases:
• If the condition specified with the operand is not met when the STTS instruction has been executed.
• When the status flag has been set (to 1), the HALT instruction executed, but the cancelation condition is not
met at the point of executing the HALT instruction. (In this case, the system is not placed in STANDBY mode.)
Table 2-1. Conditions for Status Flag (F) to be Set by STTS Instruction
Operand Value of STTS Instruction
Condition for Status Flag (F) to be Set
b3
b2
b1
b0
0000
High level is input to at least one of KI pins.
0
1
1
High level is input to at least one of KI pins.
1
1
0
High level is input to at least one of KI pins.
1
0
1
The down counter of the timer is 0.
1
Either of the combinations
[The following condition is added in addition to the above.]
of b2, b1, and b0 above.
High level is input to at least one of S0 and S1 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68