データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC4403-1 データシート(PDF) 3 Page - Linear Technology

部品番号 LTC4403-1
部品情報  Multiband RF Power Controllers for EDGE/TDMA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC4403-1 データシート(HTML) 3 Page - Linear Technology

  LTC4403-1_15 Datasheet HTML 1Page - Linear Technology LTC4403-1_15 Datasheet HTML 2Page - Linear Technology LTC4403-1_15 Datasheet HTML 3Page - Linear Technology LTC4403-1_15 Datasheet HTML 4Page - Linear Technology LTC4403-1_15 Datasheet HTML 5Page - Linear Technology LTC4403-1_15 Datasheet HTML 6Page - Linear Technology LTC4403-1_15 Datasheet HTML 7Page - Linear Technology LTC4403-1_15 Datasheet HTML 8Page - Linear Technology LTC4403-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC4403-1/LTC4403-2
4403f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PCTL Input Filter
270
kHz
Autozero Range
Maximum DAC Zero-Scale Offset Voltage
q
400
mV
that can be applied to PCTL
RF Input Frequency Range
(Note 6)
q
300
2400
MHz
RF Input Power Range
F = 900MHz (Note 6)
–27 to 18
dBm
F = 1800MHz (Note 6)
–25 to 18
dBm
F = 2400MHz (Note 6)
–23 to 16
dBm
RF Input Resistance
Referenced to VIN
q
150
250
350
ELECTRICAL C
C
HARA TERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, SHDN = VIN, unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Specifications are assured over the –40
°C to 85°C temperature
range by design characterization and correlation with statistical process
controls.
Note 3: Slew rate is measured open loop. The rise time at VPCA or VPCB is
measured between 1V and 2V.
Note 4: Includes maximum DAC offset voltage and maximum control
voltage.
Note 5: This is the time from SHDN rising edge 50% switch point to
VPCA/B = 250mV.
Note 6: Guaranteed by design. This parameter is not production tested.
Note 7: Bandwidth is calculated using the 10% to 90% rise time:
BW = 0.35/rise time
TYPICAL PERFOR A CE CHARACTERISTICS
Detector Characteristics at 900MHz
Detector Characteristics at 1800MHz
VIN (Pin 1): Input Supply Voltage, 2.7V to 6V. VIN should
be bypassed with 0.1
µF and 100pF ceramic capacitors.
VPCA (Pin 2): Power Control Voltage Output. This pin
drives an external RF power amplifier power control pin.
The maximum load capacitance is 100pF. The output is
capable of rail-to-rail swings at low load currents. Selected
when BSEL is low.
(LTC4403-1/LTC4403-2)
PI FU CTIO S
VPCB (Pin 3): (LTC4403-2 Only) Power Control Voltage
Output. This pin drives an external RF power amplifier
power control pin. The maximum load capacitance is
100pF. The output is capable of rail-to-rail swings at low
load currents. Selected when BSEL is high.
GND (Pin 3/4): System Ground.
RF INPUT POWER (dBm)
10
100
1000
10000
–26
–14
–8
–2
4
10
1
–20
16
4403 G01
0.9GHz AT –30
°C
0.9GHz AT 75
°C
0.9GHz
AT 25
°C
RF INPUT POWER (dBm)
10
100
1000
10000
–26
–14
–8
–2
4
10
1
–20
16
4403 G02
1.8GHz AT –30
°C
1.8GHz AT 75
°C
1.8GHz
AT 25
°C
RF INPUT POWER (dBm)
10
100
1000
10000
–14
–8
–2
4
10
1
–20
16
4403 G03
2.4GHz AT –30
°C
2.4GHz AT 75
°C
2.4GHz AT 25
°C
Detector Characteristics at 2400MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com