データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC4403-1 データシート(PDF) 6 Page - Linear Technology

部品番号 LTC4403-1
部品情報  Multiband RF Power Controllers for EDGE/TDMA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC4403-1 データシート(HTML) 6 Page - Linear Technology

Back Button LTC4403-1_15 Datasheet HTML 2Page - Linear Technology LTC4403-1_15 Datasheet HTML 3Page - Linear Technology LTC4403-1_15 Datasheet HTML 4Page - Linear Technology LTC4403-1_15 Datasheet HTML 5Page - Linear Technology LTC4403-1_15 Datasheet HTML 6Page - Linear Technology LTC4403-1_15 Datasheet HTML 7Page - Linear Technology LTC4403-1_15 Datasheet HTML 8Page - Linear Technology LTC4403-1_15 Datasheet HTML 9Page - Linear Technology LTC4403-1_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC4403-1/LTC4403-2
4403f
This closes the RF power control loop and the RF power is
then controlled during ramp down.
LTC4403-1 Description
The LTC4403-1 is identical in performance to the
LTC4403-2 except that only one control output (VPCA) is
available. The LTC4403-1 can drive a single band (300MHz
to 2400MHz) or a dual RF channel module with an
internal multiplexer. Several manufacturers offer dual RF
channel modules with an internal multiplexer.
General Layout Considerations
The LTC4403-X should be placed near the coupling com-
ponents. The feedback signal line to the RF pin should be
a 50
Ω transmission line.
Capacitive Coupling
An alternative to a directional coupler is illustrated on the
first page of this data sheet. This method couples RF from
the power amplifier to the power controller through a
0.4pF
±0.05pF capacitor and 50Ω series resistor, com-
pletely eliminating the directional coupler.
APPLICATIONS INFORMATION
LTC4403-X Timing Diagram
Application Note AN91 describes the capacitive coupling
scheme in full detail. Demo boards featuring this coupling
method are available upon request.
Power Ramp Profiles
The external voltage gain associated with the RF channel
can vary significantly between RF power amplifier types.
Frequency compensation generally defines the loop dy-
namics that impact the power/time response and possibly
(slow loops) the power ramp sidebands. The LTC4403-X
operates open loop until an RF voltage appears at the RF
pin, at which time the loop closes and the output power
follows the DAC profile. The RF power amplifier will
require a certain control voltage level (threshold) before an
RF output signal is produced. The LTC4403-X VPCA/B
outputs must quickly rise to this threshold voltage in order
to meet the power/time profile. To reduce this time, the
LTC4403-X starts at 450mV. However, at very low power
levels the PCTL input signal is small, and the VPCA/B
outputs may take several microseconds to reach the RF
power amplifier threshold voltage. To reduce this time, it
may be necessary to apply a positive pulse at the start of
the ramp to quickly bring the VPCA/B outputs to the
threshold voltage. This can generally be achieved with
DAC programming. The magnitude of the pulse is depen-
dent on the RF amplifier characteristics.
Power ramp sidebands and power/time are also a factor
when ramping to zero power. For RF amplifiers requiring
high control voltages, it may be necessary to further adjust
the DAC ramp profile. When the power is ramped down,
the loop will eventually open at power levels below the
LTC4403-X detector threshold. The LTC4403-X will then
go open loop and the output voltage at VPCA or VPCB will
stop falling. If this voltage is high enough to produce RF
output power, the power/time or power ramp sidebands
may not meet specification. This problem can be avoided
by starting the DAC ramp from 200mV (Figure 1). At the
end of the cycle, the DAC can be ramped down to 0mV.
This applies a negative signal to the LTC4403-X thereby
ensuring that the VPCA/B outputs will ramp to 0V. The
200mV ramp step must be applied at least 2
µs after SHDN
is asserted high to allow the autozero to cancel the step.
11
µs28µs
2
µs
28
µs
543
µs
T1
T2 T3
T4
T6
T5
T8
T7
VSTART
SHDN
VPCA/B
VHOLD
PCTL
4403 TD
T1: PART COMES OUT OF SHUTDOWN 11
µs PRIOR TO BURST.
T2: INTERNAL TIMER COMPLETES AUTOZERO CORRECTION, TYPICALLY 9
µs.
T3: BASEBAND CONTROLLER STARTS RF POWER RAMP UP AT LEAST 11
µs AFTER
SHDN IS ASSERTED HIGH.
T4: BASEBAND CONTROLLER COMPLETES RAMP UP.
T5: CONTROL LOOP OPENS, VPCA/B VOLTAGE HELD, AM MODULATION STARTS.
T6: AM MODULATION STOPS, CONTROL LOOP CLOSES, VPCA/B WILL FOLLOW DAC.
T7: BASEBAND CONTROLLER STARTS RF POWER RAMP DOWN AT END OF BURST.
T8: RETURNS TO SHUTDOWN MODE BETWEEN BURSTS.
AM MODULATION PERIOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com