データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD6466GS データシート(PDF) 7 Page - NEC

部品番号 UPD6466GS
部品情報  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD6466GS データシート(HTML) 7 Page - NEC

Back Button UPD6466GS Datasheet HTML 3Page - NEC UPD6466GS Datasheet HTML 4Page - NEC UPD6466GS Datasheet HTML 5Page - NEC UPD6466GS Datasheet HTML 6Page - NEC UPD6466GS Datasheet HTML 7Page - NEC UPD6466GS Datasheet HTML 8Page - NEC UPD6466GS Datasheet HTML 9Page - NEC UPD6466GS Datasheet HTML 10Page - NEC UPD6466GS Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
7
µPD6466
CONTENTS
1.
INITIAL STATUS SETTING ................................................................................................................. 9
1.1
Initial Status Setting ................................................................................................................. 9
1.2
Application Block Diagram .................................................................................................... 11
1.3
Display with RGB + VC1 + VC2 Pins ........................................................................................ 12
1.3.1 Character signal output with output select option A ..................................................................... 15
1.3.2 Character signal output with output select option B ..................................................................... 16
1.3.3 Character signal output with output select option C ..................................................................... 17
1.3.4 Displaying characters specified by VC2 .......................................................................................... 18
2.
COMMAND .........................................................................................................................................19
2.1
Command Format ................................................................................................................... 19
2.2
Command List ......................................................................................................................... 19
2.3
Power-ON Clear Function ...................................................................................................... 21
3.
DETAILS OF COMMANDS ................................................................................................................ 22
3.1
Video RAM Batch Clear Command ....................................................................................... 22
3.2
Display Control Command ..................................................................................................... 23
3.3
Background Color/Frame Color Control Command ........................................................... 26
3.4
3-Channel Independent Display ON/OFF Command .......................................................... 27
3.5
Character Color Reverse ON/OFF Command ..................................................................... 28
3.6
Blue Back ON/OFF Command ............................................................................................... 30
3.7
Character Address Bank Select Command ......................................................................... 31
3.8
Output Switch Control Command ......................................................................................... 32
3.9
Character Display Position Control Command ................................................................... 34
3.10 Write Address Control Command ......................................................................................... 36
3.11 Output Pin Control Command ............................................................................................... 37
3.12 Character Size Control Command ........................................................................................ 38
3.13 3-Channel Background Control Command ......................................................................... 39
3.14 Initial Status Setting Command ............................................................................................ 43
3.15 Display Character Control Command .................................................................................. 45
3.16 Test Mode .................................................................................................................................48
4.
TRANSFERRING COMMANDS ........................................................................................................ 49
4.1
1-Byte Command .....................................................................................................................49
4.2
2-Byte Command .....................................................................................................................49
4.3
2-Byte Successive Commands ............................................................................................. 50
4.4
Successive Input of Command ............................................................................................. 51
4.4.1 When 2-byte successive command end code is not used ........................................................... 51
4.4.2 When 2-byte successive command end code is used ................................................................. 51
5.
CHARACTER PATTERNS ................................................................................................................. 52
6.
ELECTRICAL CHARACTERISTICS ................................................................................................. 60
7.
APPLICATION CIRCUIT EXAMPLE ................................................................................................. 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70