| データシートサーチシステム |
|
UPD6466GS データシート(PDF) 16 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6466GS データシート(HTML) 16 Page - NEC |
|
16 / 70 page ![]() 16 µPD6466 1.3.2 Character signal output with output select option B Option B The VC1 outputs characters of all rows regardless of setting of the OD0 and OD1 bits. The VC2 output can be specified in character units, and the VC2 outputs only characters for which the VC2 in the rows for which the OD0 bit is set to 1. The character specified to VC2 is not output to the RGB and VC1 output. Display example (to use VC2 channel for information for recording) REC TAPE BATT 1/1000 0000 AM 11:30 1991. 2.22 YOKOHAMA BAY BRIDGE Displayed information such as alarm and tape counter Recording information such as date and title Recording information at the leftmost position (e.g., weather). RAIN Example of view finder display (RGB and VC2 output) Output example REC TAPE BATT 1/1000 0000 RGB character output (color character) Character output of VC2 channel (specified row, character specified to VC2) AM 11:30 1991. 2.22 YOKOHAMA BAY BRIDGE REC TAPE BATT 1/1000 0000 Character output of VC1 channel (all rows) RAIN • The character information on all the rows is output from VC1 regardless of the OD0 bit. However, the character specified to VC2 is not output. • Only the character information specified to VC2 on the row specified by setting the OD0 bit to 1 is output from VC2. • The character information specified to VC2 is not output on the row specified by clearing the OD0 bit to 0 is not output. • The character specified to VC2 is not output. |