| データシートサーチシステム |
|
AN2476 データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2476 データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 49 page ![]() AN2476 STR750 library low power mode functions 29/49 2.4 MRCC_PCLKConfig MRCC_PCLK To configure the APB clock, use one of the following values: Example: /* Configure PCLK such as PCLK = CKTIM */ MRCC_PCLKConfig(MRCC_CKTIM_Div1); 2.5 MRCC_EnterWFIMode Function Name MRCC_PCLKConfig Function Prototype void MRCC_PCLKConfig(u32 MRCC_PCLK) Behavior Description Configures the APB clock (PCLK). Input Parameter MRCC_PCLK: defines the APB clock. This clock is derived from the TIM clock(CK_TIM). Refer to section “MRCC_PCLK” for more details on the allowed values of this parameter. Output Parameter None Return Parameter None Required preconditions None Called functions None MRCC_PCLK Meaning MRCC_CKTIM_Div1 APB clock = CKTIM MRCC_CKTIM_Div2 APB clock = CKTIM/2 Function Name MRCC_EnterWFIMode Function Prototype void MRCC_EnterWFIMode(u32 MRCC_WFIParam) Behavior Description Enters WFI mode. Input Parameter MRCC_WFIParam: specifies the WFI mode control parameters. Refer to section “MRCC_WFIParam” for more details on the allowed values of this parameter. Output Parameter None Return Parameter None Required preconditions None Called functions None |