データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2476 データシート(PDF) 30 Page - STMicroelectronics

部品番号 AN2476
部品情報  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 データシート(HTML) 30 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 26Page - STMicroelectronics AN2476 Datasheet HTML 27Page - STMicroelectronics AN2476 Datasheet HTML 28Page - STMicroelectronics AN2476 Datasheet HTML 29Page - STMicroelectronics AN2476 Datasheet HTML 30Page - STMicroelectronics AN2476 Datasheet HTML 31Page - STMicroelectronics AN2476 Datasheet HTML 32Page - STMicroelectronics AN2476 Datasheet HTML 33Page - STMicroelectronics AN2476 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
STR750 library low power mode functions
AN2476
30/49
MRCC_WFIParam
To select the WFI mode control parameters, use one of the following values:
Note:
1
These two parameters can be used together.
Example:
/* Enter WFI mode with DMA enabled */
MRCC_EnterWFIMode(MRCC_WFIParam_DMAEnabled);
2.6
MRCC_EnterSTOPMode
MRCC_STOPParam
To select the STOP mode control parameters, use one of the following values:
Note:
1
These two parameters can be used together.
2
If this parameter is selected, OSC4M and FLASH are also disabled.
Example:
/* Enter STOP mode with OSC4M and FLASH OFF */
MRCC_EnterSTOPMode(MRCC_STOPParam_FLASHOff | MRCC_STOPParam_OSC4MOff);
MRCC_WFIParam
Meaning
MRCC_WFIParam_Default
DMA disabled and FLASH enabled in WFI mode
MRCC_WFIParam_DMAEnabled1)
Enable DMA in WFI mode
MRCC_WFIParam_FLASHOff1)
Disable FLASH in WFI mode
Function Name
MRCC_EnterSTOPMode
Function Prototype
void MRCC_EnterSTOPMode(u32 MRCC_STOPParam)
Behavior Description
Enters STOP mode.
Input Parameter
MRCC_STOPParam: specifies the STOP mode control parameters.
Refer to section “MRCC_STOPParam” for more details on the allowed
values of this parameter.
Output Parameter
None
Return Parameter
None
Required preconditions
None
Called functions
None
MRCC_STOPParam
Meaning
MRCC_STOPParam_Default
OSC4M, FLASH and MVREG enabled in STOP mode
MRCC_STOPParam_OSC4MOff1)
Disable OSC4M and PLL in STOP mode
MRCC_STOPParam_FLASHOff1)
Disable FLASH in STOP mode
MRCC_STOPParam_MVREGOff2)
Disable main voltage regulator in STOP mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49