| データシートサーチシステム |
|
UPD6708 データシート(PDF) 35 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6708 データシート(HTML) 35 Page - NEC |
|
35 / 72 page ![]() 35 µPD6708 [Before execution of ABORT command] [After execution of ABORT command] The data placed in WDB is cleared. 5.2.6 SETSD command (command code: 0101) (1) Functions This command specifies the data transmitted to the master unit when a ‘data read and lock’ (control bits: 3H) or a ‘data read’ (control bits: 7H) is received from the master unit. <1> Sets the number transmit data bytes (8 bits) Table 5-7. Number of Transmit Data Bytes Number of Transmit Data Bytes Command Parameter 1 byte 1H 2 bytes 2H :: :: 64 bytes 40H <2> Sets the transmit data 0001 0010 0011 0100 0100 0100 First Byte Second Byte Third Byte Fourth Byte WDB CMR First Byte Second Byte Third Byte Fourth Byte WDB CMR |