データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD6708 データシート(PDF) 6 Page - NEC

部品番号 UPD6708
部品情報  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD6708 データシート(HTML) 6 Page - NEC

Back Button UPD6708 Datasheet HTML 2Page - NEC UPD6708 Datasheet HTML 3Page - NEC UPD6708 Datasheet HTML 4Page - NEC UPD6708 Datasheet HTML 5Page - NEC UPD6708 Datasheet HTML 6Page - NEC UPD6708 Datasheet HTML 7Page - NEC UPD6708 Datasheet HTML 8Page - NEC UPD6708 Datasheet HTML 9Page - NEC UPD6708 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
6
µPD6708
2.
IEBus OPERATION
2.1
Operation Overview
The
µPD6708 is an IEBus interface CMOS LSI device.
The IEBus is a bus for a small-scale digital data transfer system designed to transfer data between electronic devices.
The
µPD6708 is connected to a microcontroller incorporated in electronic equipment with a serial interface (SCK, SO,
SI pins). The data and commands required to transfer data with the host controller (microcontroller) are set via this serial
interface.
When the host controller transmits data to the
µPD6708 via the serial interface, signals are output from the BUS pins
(BUS+ and BUS–). Data received from the BUS pins can be read by the host controller via the serial interface.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72