データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2595 データシート(PDF) 17 Page - STMicroelectronics

部品番号 AN2595
部品情報  Designing an application with the ST10F27xZx devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2595 データシート(HTML) 17 Page - STMicroelectronics

Back Button AN2595 Datasheet HTML 12Page - STMicroelectronics AN2595 Datasheet HTML 13Page - STMicroelectronics AN2595 Datasheet HTML 14Page - STMicroelectronics AN2595 Datasheet HTML 15Page - STMicroelectronics AN2595 Datasheet HTML 16Page - STMicroelectronics AN2595 Datasheet HTML 17Page - STMicroelectronics AN2595 Datasheet HTML 18Page - STMicroelectronics AN2595 Datasheet HTML 19Page - STMicroelectronics AN2595 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AN2595 - Application note
External memory interface
17/20
7
External memory interface
The ST10F27xZx provides an external bus controller EBC that can be interfaced with
external memories and/or peripherals.
The ST10F27xZx external memory bus can easily interface with the STMicroelectronics
external Flash memory (M29Fxx series). Some examples can be found in the application
note AN2164 “Interfacing the ST10 with an external memory”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20