データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2595 データシート(PDF) 18 Page - STMicroelectronics

部品番号 AN2595
部品情報  Designing an application with the ST10F27xZx devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2595 データシート(HTML) 18 Page - STMicroelectronics

Back Button AN2595 Datasheet HTML 12Page - STMicroelectronics AN2595 Datasheet HTML 13Page - STMicroelectronics AN2595 Datasheet HTML 14Page - STMicroelectronics AN2595 Datasheet HTML 15Page - STMicroelectronics AN2595 Datasheet HTML 16Page - STMicroelectronics AN2595 Datasheet HTML 17Page - STMicroelectronics AN2595 Datasheet HTML 18Page - STMicroelectronics AN2595 Datasheet HTML 19Page - STMicroelectronics AN2595 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Connecting to L4969
AN2595 - Application note
18/20
8
Connecting to L4969
L4969 is a combined voltage regulator and low-speed CAN interface from
STMicroelectronics.
The following figure shows how to connect the L4969 CAN interface to the ST10F27x
microcontroller when working on an SPI bus with multiple peripherals.
Note:
For further information on the L4969, please refer to the L4969 datasheet and the available
application notes for this device.
When no other peripherals are connected to the SPI bus, the L4969 can be directly
connected to the ST10 SPI lines without any further constraints.
Figure 7.
ST10F27x connected to L4969 and other SPI devices
L4969
CSL4969
CSx
Device x
Device y
CSy
SCLK
MTSR
MRST
CLK
EN
EN
NRES
NINT
RESET
Px.y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20